PART |
Description |
Maker |
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
PEMH15115 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
SLA4041 |
3 A, 200 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR NPN Darlington With built-in flywheel diode
|
Sanken electric
|
ZDT6702TA |
TRANS NPN DL DARL 60V 2000MA SM8 2 A, 60 V, 2 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductor PLC
|
MMPQ2222A FFB2222A FFB2222A_1 FMB2222A MMPQ2222ANL |
500 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Multi-Chip General Purpose Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BCV63215 BCV63B215 |
NPN general purpose double transistors - Description: Schmitt Trigger; Package: SOT143B (SOT4); Container: Tape reel smd 100 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
XN4211 |
Silicon NPN epitaxial planer transistor 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
XN4501 |
Silicon NPN epitaxial planer transistor 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
SLA4313 |
NPN PNP Silicon Epitaxial Planar 5 A, 35 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
BFS360L6 |
2 CHANNEL, S BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR RF-Bipolar - NPN Silicon TWIN type RF-Transistor in TSLP-6 package ideal for VCO Modules up to 4GHz
|
INFINEON TECHNOLOGIES AG
|
PMBT3904YS |
40 V, 200 mA NPN/NPN general-purpose double transistor 40 V, 200 mA NPN-NPN general-purpose double transistor 200 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
|